Part Number Hot Search : 
38999 E712531 EPS448 74HC540 C1226A 00TTS EUA6011 74HC699
Product Description
Full Text Search
 

To Download 2SC4793 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon NPN Power Transistors
2SC4793
DESCRIPTION With TO-220F package Complement to type 2SA1837 High transition frequency APPLICATIONS Power amplifier applications Driver stage amplifier applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector dissipation Collector dissipation Junction temperature Storage temperature TC=25ae Ta=25ae CONDITIONS Open emitter Open base Open collector VALUE 230 230 5 1 0.1 20 2.0 150 -55~150 ae ae UNIT V V V A A W W
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=10mA ; IB=0 IC=0.5A IB=50mA IC=0.5A ; VCE=5V VCB=230V IE=0 VEB=5V; IC=0 IC=0.1A ; VCE=5V IE=0; VCB=10V;f=1MHz IC=0.1A ; VCE=10V 100 20 100 MIN 230 TYP. SYMBOL VCEO VCEsat VBE ICBO IEBO hFE COB fT
2SC4793
MAX
UNIT V
1.5 1.0 1.0 1.0 320 |I |I
V V A A
pF MHz
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4793
Fig.2 Outline dimensions
JMnic


▲Up To Search▲   

 
Price & Availability of 2SC4793

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X